PART |
Description |
Maker |
CF1-0816-0375-0816A |
HIGH EFFICIENCY - LOW VOLUME - HIGH POWER - LOW WEIGHT
|
HS Marston Aerospace Ltd.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MPX2011DT1 MPXC2011DT1 MPXC2012DT1 |
MPXC2011DT1 Chip Pak High Volume Sensor for Low Pressure Applications High Volume Sensor for Low Pressure Applications High Volume Pressure Sensor For Low Pressure Applications
|
Motorola
|
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MPXC2011DT1 MPXC2011DTI MPXC2012DT1 MPXC2012DTI |
High Volume Sensor for Low Pressure Applications
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
RSBL-9S RSB-12 RSB-12-S RSB-24 RSB-24-S RSB-48 RSB |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2 Pole relay suitable for signal circuits
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|