PART |
Description |
Maker |
5B34-01 5B34-02 5B34-03 5B34-04 5B34-N-01 5B34 5B3 |
Isolated Linearized RTD Input Isolated Linearized RTD Input SPECIALTY ANALOG CIRCUIT, XMA Isolated 2-, 3-, or 4-Wire RTD Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
7B33 7B33-01-1 7B33-01-2 |
Isolated Voltage Input Signal Conditioning Module -100 Hz Bandwidth ISOLATED, VOLTAGE OR CURRENT INPUT
|
AD[Analog Devices]
|
3B37-J-01 3B37-X-00 3B37 3B37-B-06 3B37-E-04 3B37- |
Isolated Thermocouple Input Signal Conditioning Module Isolated, Thermocouple Input
|
AD[Analog Devices]
|
MC74HC00 MC54HC00AJ MC54HC00 MC74HC00A MC74HC00AN |
1.2 to 5.5 V 18-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14 0.8 to 1.8 V 26-A, 12-V Input Non-Isolated Wide-Adjust Module 13-DIP MODULE -40 to 85 1.2 to 5.5 V 26-A, 12-V Input Non-Isolated Wide-Adjust Module 13-DIP MODULE -40 to 85
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
3B32-CUSTOM 3B32 3B32-00 3B32-01 3B32-02 3B32-15 |
Isolated, Process Current Input Isolated/ Process Current Input 60V 1A SCHOTTKY RECTIFIER SMB
|
AD[Analog Devices] Analog Devices, Inc.
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
7B41-02-1 7B41-01-1 7B41-01-2 7B41-08-2 7B41 7B41- |
Wide Band Isolation Input Module Isolated, Voltage or Current Input
|
AD[Analog Devices]
|
7B40-08-2 7B40 7B40-01-1 7B40-01-2 7B40-02-1 7B40- |
Isolated Voltage or Current Input Wide Band Isolation Input Module
|
Analog Devices, Inc. AD[Analog Devices]
|
5B45-03 5B45-04 5B45-02 5B45-01 5B45-05 |
Isolated Frequency Input 0 to 10 kHz Input Signal Conditioning Module
|
Analog Devices
|
BP5870 |
World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
|
Rohm
|