PART |
Description |
Maker |
F0505S-1W |
Fixed and unregulated dc/dc converter
|
SUNYUAN
|
2H2405XVD 2H2409XVD 2H2412XVD 2H2415XVD 2H1205XVD |
FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
G1205XS-2W G1209XS-2W G1212XS-2W H-XS-2W H0515XS-2 |
FIXED INPUT,ISOLATED&UNREGULATED SingleㄍDual Output DCㄍDC Converter
|
Microdc power Technology Co., Ltd
|
A2403S-2WR2 A0503S-2WR2 A2405S-2WR2 A1515S-2WR2 |
DUAL/SINGLE OUTPUT DC-DC CONVERTER 2W, FIXED INPUT, ISOLATED & UNREGULATED
|
MORNSUN Science& Technology Ltd. MORNSUN Science& Techno...
|
EA-XS-1W |
1W, FIXED INPUT, 5200V ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd
|
M0572HD1U-K |
DC-DC Converter Fixed Input, 1000V Isolation, Unregulated, High-Voltage & Single Output
|
Sensitron Semiconductor
|
RSM2412XLS RSM2412XS RSM2415XS RSM2418XS RSM0303XL |
0.1 Watt,FIXED INPUT, ISOLATED AND UNREGULATED (SIP4&SIP7) Single Output DC/DC-Converter
|
Microdc power Technology Co., Ltd Microdc power Technology Co... Microdc power Technolog...
|
B0505LS-1W |
FIXED INPUT ISOLATED & UNREGULATED
1W OUTPUT SINGLE OUTPUT
MINIATURE SIP(DIP) PACKAGE
|
MORNSUN
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
MX27C512 MX27C512PC-12 MX27C512PC-15 MX27C512PC-45 |
Single Output LDO, 50mA, Fixed(3.2V), Low Quiescent Current, Thermal Protection 5-SOT-23 12k位[64Kx8]的CMOS存储 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PDSO28 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 70 ns, PDIP28 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 70 ns, PQCC32 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PQCC32 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 7-PDIP 64K X 8 OTPROM, 45 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 7-PDIP 64K X 8 OTPROM, 120 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 12-SOP 64K X 8 OTPROM, 55 ns, PDIP28
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
|