PART |
Description |
Maker |
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
|