PART |
Description |
Maker |
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
CA3304 CA3304A CA3304AD CA3304AE CA3304AM CA3304D |
4-Bit, 25 MSPS, Flash A/D Converters 1-CH 4-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO16 4-Bit, 25 MSPS,
Flash A/D Converters(4位、采样速率25MSPS、闪速A/D转换 4-Bit / 25 MSPS / Flash A/D Converters From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STFI26N60M2 |
LCC converters, resonant converters
|
STMicroelectronics
|
SXN15-48S05J SXN15-48S1V8J SXN15-48S2VJ SXN15-48S3 |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
|
Emerson Network Power
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
MCH2805S/883 MCH2805D/883 MCH2815S/883 MCH285R2D/8 |
DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2S053. |
DC/DC CONVERTERS 7-pin SIP, 2 Watt DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM... Tumbler Technologies ...
|
T3-1S243.3N T3-1S2424N T3-1S2415N T3-1S123.3N T3-1 |
DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|