PART |
Description |
Maker |
MC145040DW1 MC145040DW2 MC145040FN1 MC145040FN2 MC |
Full Featured -48V Hot Swap Power Manager, Industrial Temp. 44-TSSOP -40 to 85 8-Bit A/D Converters With Serial Interface
|
Motorola, Inc.
|
IP4788CZ32 |
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
|
NXP Semiconductors
|
LTC4304CMS LTC4304CDD LTC4304IDD LTC4304IMS LTC430 |
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C SPECIALTY INTERFACE CIRCUIT, PDSO10
|
Linear Technology, Corp.
|
SMH4042G-AGM SMH4042G-AGN SMH4042G-BGM SMH4042G-BG |
Hot Swap??Controller Hot Swap Controller Hot Swap?/a> Controller XTAL PLAS SMT 13X5 4PAD XTAL PLAS SMT 12X4 4PAD XTAL MTL T/H HC49/U PCMCIA 16MBYTE 16MBYTE Hot SwapController ⑩热插拔控制 XTAL MTL SMT HC49/USM ⑩热插拔控制
|
Summit Microelectronics, Inc. Electronic Theatre Controls, Inc.
|
APT1608SGC APT1608YC APT1608EC |
1.6 x 0.8 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. Yellow. (peak wavelength 590 nm). Lens type water clear. 1.6 x 0.8 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear.
|
Kingbright Electronic
|
APC3216EC APC3216YC APC3216SGC |
3.2 x 1.6 mm SMD chip LED lamp. High efficiency red (peak wavelength 627 nm). Lens type water clear. 3.2 x 1.6 mm SMD chip LED lamp. yellow (peak wavelength 590 nm). Lens type water clear. 3.2 x 1.6 mm SMD chip LED lamp. Super bright green (peak wavelength 565 nm). Lens type water clear.
|
Kingbright Electronic
|
LC503MBL1-06Q LC503MBG1-06Q |
Blue 6 degrees 5 mm LED lamp with water transparent lens. Wavelength(typ.) 470 nm. Luminous intensity(typ.) 1100 mcd. Blue 6 5mm LED lamp with water transparent lens
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
LTC4252-2 LTC4252-1 425212F LTC4252-1IMS8 LTC4252- |
TRANS ARRAY PNP/PNP SS MINI-6P Negative Voltage Hot Swap Controllers TRANS ARRAY NPN/NPN SSMINI-6 From old datasheet system Negative Voltage Hot Swap Controller w/ Latch Off Negative Voltage Hot Swap Controller w/ Auto Retry
|
Linear Technology Corporation
|
MV8703 MV8704 MV8705 MV8706 MV870X |
SUPER BRIGHT T-1 3/4 (5mm) LED LAMP - Water Clear SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear LOW V-1.5K FLASH W/ADC
|
Fairchild Semiconductor Corporation
|
LT1640AH LT1640AL LT1641-1 LT1641-2 LTC4251B-2 LTC |
Negative Voltage Hot Swap Controllers ?8V Hot Swap Controllers
|
Linear Technology
|
APC3216XXX APC3216HC APC3216HD APC3216YD APC3216EC |
3.2 x 1.6 mm SMD chip LED. Mega bright green. Lens type water clear. 3.2 x 1.6 mm SMD chip LED. Blue. Lens type water clear. 3.2 x 1.6 mm SMD chip LED. Bright red. Lens type water clear. 3.2 X 1.6MM(1206) SMD CHIP LED 3.2 x 1.6 mm SMD chip LED. Super bright green. Lens type green diffused.
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright Corporation.
|