PART |
Description |
Maker |
RFSP2020 PRFS-P2020-005 PRFS-P2020-006 PRFS-P2020- |
The RFS P2020 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... Single-band power amplifiers 2.4-2.5 GHz Power Amplifier
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
ATF-46171 |
2-10 GHz Medium Power Gallium Arsenide FET(2-10 GHz 中等功率砷化FET)
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PE6815 PE6815-16 |
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
AWB7127HM41P8 |
2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
PE6802 PE6802-16 |
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
|
Pasternack Enterprises,...
|
PE6800 PE6800-16 |
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
|
Pasternack Enterprises,...
|
TPT-13-6036 TPT-13-6026 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
TIM1414-7-252 |
HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
|
Toshiba Semiconductor
|
TPT-18-6036 |
Temperature Compensated Power Amplifier 6 GHz - 18 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
CPT-13-6036 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
SST13LP01-QDF-K SST13LP01 SST13LP01-QDF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
CPT-8-2015 CPT-8-2014 |
Temperature Compensated Power Amplifier 2 GHz - 8 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|