PART |
Description |
Maker |
SC4040ES SC4040ESK SC4040EZ SC4040DZ SC4040 SC4040 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Absolute, flush mount, 10 Vdc excitation 精密并联型电压基 PRECISION SHUNT VOLTAGE REFERENCE
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
RMOB001AFMH RMOP015AFMP RMOB001AFMP RMOB001AFD RMO |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
PMOH004 |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
CPCL04DC CPCL04DFC CPCL04GC CPCL04GFC CPCL10DFC CP |
Precision compensated pressure sensors / mV-output
|
Sensortechnics GmbH
|
SC68C94C1N SC68C94A1N SC68C94A1A SC68C94C1A |
nullQuad universal asynchronous receiver/transmitter QUART Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 50 psi, Gage, flush mount, 10 Vdc excitation
|
NXP SEMICONDUCTORS Philips Semiconductors
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
MPX2200GVP MPX2200 MPX2200A MPX2200A_D MPX2200AP M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, BARREL, THROUGH HOLE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
MPVZ2202 MPVZ2202G MPVZ2202GC6T1 MPVZ2202GC7U |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, SQUARE, SURFACE MOUNT 200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc
|
MPX2300DT1 MPX2301DT1 MPX2300D |
Compensated Pressure Sensor – Medical Grade High Volume Pressure Sensor For Disposable Applications(用于一次性应用的高容量压力传感器)
|
Freescale (Motorola) 飞思卡尔半导体(中国)有限公司
|
MPXV5004G_07 MPXV5004DP MPXV5004G MPXV5004G6T1 MPX |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-0.56Psi, 2.50%, 1-4.90V, RECTANGULAR, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
5962-9559201MEA AD677-EB AD677 AD677KD AD677JD AD6 |
16-Bit 100 kSPS Sampling ADC 16-Bit, Serial, 100 kSPS Sampling ADC. Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/4 BSPP, 10 Vdc excitation
|
Analog Devices, Inc.
|