PART |
Description |
Maker |
CZRV3-55C10-G CZRV3-55C11-G CZRV3-55C13-G CZRV3-55 |
Zener Diodes, P-D=0.2Watts, V-Z=10V Zener Diodes, P-D=0.2Watts, V-Z=11V Zener Diodes, P-D=0.2Watts, V-Z=13V Zener Diodes, P-D=0.2Watts, V-Z=12V Zener Diodes, P-D=0.2Watts, V-Z=15V Zener Diodes, P-D=0.2Watts, V-Z=18V Zener Diodes, P-D=0.2Watts, V-Z=16V Zener Diodes, P-D=0.2Watts, V-Z=20V Zener Diodes, P-D=0.2Watts, V-Z=22V Zener Diodes, P-D=0.2Watts, V-Z=2.4V Zener Diodes, P-D=0.2Watts, V-Z=27V Zener Diodes, P-D=0.2Watts, V-Z=24V Zener Diodes, P-D=0.2Watts, V-Z=2.7V Zener Diodes, P-D=0.2Watts, V-Z=30V Zener Diodes, P-D=0.2Watts, V-Z=33V Zener Diodes, P-D=0.2Watts, V-Z=39V Zener Diodes, P-D=0.2Watts, V-Z=36V Zener Diodes, P-D=0.2Watts, V-Z=3V Zener Diodes, P-D=0.2Watts, V-Z=3.3V Zener Diodes, P-D=0.2Watts, V-Z=3.6V Zener Diodes, P-D=0.2Watts, V-Z=4.3V Zener Diodes, P-D=0.2Watts, V-Z=3.9V Zener Diodes, P-D=0.2Watts, V-Z=5.1V Zener Diodes, P-D=0.2Watts, V-Z=4.7V Zener Diodes, P-D=0.2Watts, V-Z=6.2V Zener Diodes, P-D=0.2Watts, V-Z=5.6V Zener Diodes, P-D=0.2Watts, V-Z=8.2V Zener Diodes, P-D=0.2Watts, V-Z=7.5V Zener Diodes, P-D=0.2Watts, V-Z=6.8V Zener Diodes, P-D=0.2Watts, V-Z=9.1V
|
Comchip Technology
|
CZRU6V2B CZRU7V5B CZRU27VB CZRU22VB CZRU2V7B CZRU4 |
Zener Diodes, P<sub>D</sub>=0.15Watts, V<sub>Z</sub>=6.2V Zener Diodes, P-D=0.15Watts, V-Z=7.5V Zener Diodes, P-D=0.15Watts, V-Z=27V Zener Diodes, P-D=0.15Watts, V-Z=22V Zener Diodes, P-D=0.15Watts, V-Z=2.7V Zener Diodes, P-D=0.15Watts, V-Z=4.7V Zener Diodes, P-D=0.15Watts, V-Z=39V Zener Diodes, P-D=0.15Watts, V-Z=33V Zener Diodes, P-D=0.15Watts, V-Z=6.8V Zener Diodes, P-D=0.15Watts, V-Z=8.2V Zener Diodes, P-D=0.15Watts, V-Z=24V Zener Diodes, P-D=0.15Watts, V-Z=3V
|
Comchip Technology
|
CZRUR52C7V5 CZRUR52C10 CZRUR52C11 CZRUR52C12 CZRUR |
Zener Diodes, P-D=0.15Watts, V-Z=7.5V Zener Diodes, P-D=0.15Watts, V-Z=10V Zener Diodes, P-D=0.15Watts, V-Z=11V Zener Diodes, P-D=0.15Watts, V-Z=12V Zener Diodes, P-D=0.15Watts, V-Z=13V Zener Diodes, P-D=0.15Watts, V-Z=15V Zener Diodes, P-D=0.15Watts, V-Z=16V Zener Diodes, P-D=0.15Watts, V-Z=18V
|
Comchip Technology
|
CZRUR52C2-HF CZRUR52C2V2-HF CZRUR52C8V2-HF CZRUR52 |
Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=18V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=15V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=12V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=10V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=2V SMD Zener Diode Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=6.8V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=11V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=13V Halogen Free Zener Diodes, P-D=0.15Watts, V-Z=16V
|
Comchip Technology
|
CZRL5267B-G CZRL5225B-G CZRL5226B-G CZRL5227B-G CZ |
Zener Diodes, P<sub>D</sub>=0.5Watts, V<sub>Z</sub>=75V Zener Diodes, P-D=0.5Watts, V-Z=3V Zener Diodes, P-D=0.5Watts, V-Z=3.3V Zener Diodes, P-D=0.5Watts, V-Z=3.6V Zener Diodes, P-D=0.5Watts, V-Z=3.9V Zener Diodes, P-D=0.5Watts, V-Z=4.3V Zener Diodes, P-D=0.5Watts, V-Z=4.7V Zener Diodes, P-D=0.5Watts, V-Z=5.1V Zener Diodes, P-D=0.5Watts, V-Z=5.6V Zener Diodes, P-D=0.5Watts, V-Z=6V Zener Diodes, P-D=0.5Watts, V-Z=6.2V Zener Diodes, P-D=0.5Watts, V-Z=6.8V Zener Diodes, P-D=0.5Watts, V-Z=7.5V Zener Diodes, P-D=0.5Watts, V-Z=8.2V Zener Diodes, P-D=0.5Watts, V-Z=8.7V
|
Comchip Technology
|
DO-204AH BZX55C56RL BZX55C2V4 BZX55C62RL BZX83C2V7 |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SMALL SIGNAL SCHOTTKY DIODE IC,QUAD 2:1,MUX/DEMUX,ANALOG LANSW,6.2V,SOIC16 500 mW DO-35 Glass Zener Voltage Regulator Diodes 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Single Supply, High Speed, Quad SPDT CMOS Analog Switch w/Master Enable 130 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 500毫瓦DO - 35玻璃封装稳压二极 GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS 玻璃封装二极管电压为500毫瓦1.8.200 500mW ZENER DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes
|
http:// MOTOROLA INC Microsemi, Corp. Motorola Mobility Holdings, Inc. Diodes Incorporated Motorola Inc Motorola, Inc.
|
ZMY1 ZMY33 ZMY51 ZMY15 ZMY20 ZMY47 ZMY91 ZMY10 ZMY |
Silicon Planar Zener Diodes SILICON PLANAR POWER ZENER DIODES Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 surface mount silicon Zener diodes
|
Honey Technology SEMTECH[Semtech Corporation]
|
DZD10 DZD9.1 DZD6.2 DZD5.1 DZD2.4 DZD11 DZD12 DZD1 |
0.2W Zener Diodes PARALLELING LINK, UP TO DILM12; Approval Bodies:IEC 536; Poles, No. of:4 RoHS Compliant: NA 降至0.2W齐纳二极 surface mount silicon Zener diodes 表面贴装硅稳压二极管 Silicon Planar Type 0.2W Zener Diodes(功率损耗为0.2W的硅平面型齐纳二极管) 平面型硅降至0.2W齐纳二极管(功率损耗为降至0.2W的硅平面型齐纳二极管
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
1N5232A 1N5221A 1N5221B 1N5221C 1N5221D 1N5270B 1N |
22 V, 5.6 mA, zener diode 13 V, 9.5 mA, zener diode 36 V, 3.4 mA, zener diode 3.3 V, 20 mA, zener diode 30 V, 4.2 mA, zener diode 15 V, 8.5 mA, zener diode 8.7 V, 20 mA, zener diode 2.5 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 3.3 V, 20 mA, zener diode 19 V, 6.6 mA, zener diode 33 V, 3.8 mA, zener diode 56 V, 2.2 mA, zener diode 11 V, 20 mA, zener diode 28 V, 4.5 mA, zener diode 24 V, 5.2 mA, zener diode 60 V, 2.1 mA, zener diode 60 V, 2.1 mA, zener diode 39 V, 3.2 mA, zener diode 39 V, 3.2 mA, zener diode 17 V, 7.4 mA, zener diode 14 V, 9.0 mA, zener diode 12 V, 20 mA, zener diode 18 V, 7.0 mA, zener diode 5.6 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 87 V, 1.4 mA, zener diode 4.7 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 7.5 V, 20 mA, zener diode 110 V, 1.1 mA, zener diode 2.8 V, 20 mA, zener diode 24 V, 5.2 mA, zener diode 28 V, 4.5 mA, zener diode 25 V, 5.0 mA, zener diode 1N52 SERIES ZENER DIODES FKC 2.5/6-STF Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 2.5 V, 20 mA, zener diode 36 V, 3.4 mA, zener diode 9.1 V, 20 mA, zener diode 11 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 110 V, 1.1 mA, zener diode 3.9 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 16 V, 7.8 mA, zener diode 12 V, 20 mA, zener diode 3.9 V, 20 mA, zener diode 43 V, 3.0 mA, zener diode 68 V, 1.8 mA, zener diode 68 V, 1.8 mA, zener diode 56 V, 2.2 mA, zener diode 30 V, 4.2 mA, zener diode 43 V, 3.0 mA, zener diode 6.2 V, 20 mA, zener diode 3.0 V, 20 mA, zener diode 33 V, 3.8 mA, zener diode 14 V, 9.0 mA, zener diode 8.2 V, 20 mA, zener diode 2.8 V, 20 mA, zener diode 6.8 V, 20 mA, zener diode 75 V, 1.7 mA, zener diode 10 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 75 V, 1.7 mA, zener diode 51 V, 2.5 mA, zener diode 100 V, 1.3 mA, zener diode 8.7 V, 20 mA, zener diode 22 V, 5.6 mA, zener diode
|
LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
1N4626 1N4110 1N4620 1N4624 1N4104 1N4627 1N4099 1 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 ZFKDSA 1.5C-5.0- 6 SO BN-GN SPC 16/ 6-ST-10,16 GMSTB 2,5/ HC/ 3-GF-7.62 LOW LEVEL ZENER DIODES LOW CURRENT: 250レA - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250A - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250μA - LOW NOISE
|
Microsemi, Corp. Knox SemiconductorInc KNOX[Knox Semiconductor, Inc] KNOX[Knox Semiconductor Inc]
|
DFLZ20 DFLZ20-7 DFLZ22 DFLZ22-7 DFLZ24 DFLZ24-7 DF |
1.0W SURFACE MOUNT POWER ZENER DIODE POWERDI123 Discrete - Diodes (Less than 0.5A) - Zener Diodes
|
Diodes
|
|