PART |
Description |
Maker |
20KW256A 20KW160 20KW160A 20KW216 20KW216A 20KW240 |
256.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 160.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 216.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 120.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 192.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 112.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 300.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 204.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 232.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 172.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 144.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
15KW160 15KW160A 15KW260 15KW260A 15KW240 15KW240A |
160.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 260.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 220.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 110.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 200.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 170.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.0V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
1N4007G 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N |
(1N4001G - 1N4007G) GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
http:// RECTRON[Rectron Semiconductor]
|
1N4384GP 1N4385GP 1N4585GP 1N4383GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
1N4007G |
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER, Reverse Voltage - 50 to 1300 Volts, Forward Current - 1.0Amperes TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
|
Chenyi Electronics http://
|
1N5617GP 1N5619GP 1N5615GP 1N5623GP 1N5621GP |
Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 1000V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 800V
|
Vishay
|
RGL41M RGL41A RGL41B RGL41G RGL41J RGL41D BYM11-50 |
Surface Mount Glass Passivated Junction Rectifier(表贴型钝化玻璃结型整流器) SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
1SMC8.0A 1SMC8.5A 1SMC60A 1SMC6.5A 1SMC16A 1SMC7.0 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,单向玻璃钝化节点瞬变电压抑制 PTSA 1.5/10-3.5-Z UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
GN1D GN1A05 |
GLASS PASSIVATED JUNCTION
|
EIC discrete Semiconductors
|