PART |
Description |
Maker |
XT36C |
Surface Mount Microprocessor Crystals 10.0MHz - 64.0MHz, Withstands Solder and Reflow Techniques, Slimline Profile, Tape and Reel (Standard 1000 Pieces)
|
Vishay
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
1N4007G 1N4004G 1N4001G 1N4002G 1N4002 1N4006 1N40 |
Rectifiers(整流 1 A, 1000 V, SILICON, SIGNAL DIODE (1N4001G - 1N4007G) Rectifiers(Rugged glass package / using a high temperature alloyed construction) IC REG VOLT 4.8V 240MA SOT-23 Rectifiers(Rugged glass package/ using a high temperature alloyed construction) Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 50 V, SILICON, SIGNAL DIODE Rectifiers(Rugged glass package, using a high temperature alloyed construction) 整流器(坚固的玻璃封装,采用高温合金建设 Rectifiers(Rugged glass package, using a high temperature alloyed construction) 1 A, 400 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] http:// NXP Semiconductors N.V.
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
SM6HT24A SM6HT27A SM6HT36A SM6HT43A 6565 SM6HTXXA |
From old datasheet system HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
|
STMICROELECTRONICS[STMicroelectronics]
|
SB1H100-E3_54 SB1H100-E3_73 SB1H100 SB1H100HE3_54 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
MIC502105 MIC5021YM MIC5021YN |
Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-DIP; Mounting Type:Through Hole BUF OR INV BASED MOSFET DRIVER, PDIP8 Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-SOIC; Mounting Type:Surface Mount RoHS Compliant: Yes BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Speed High-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
EL2223 EL2223C EL2223J EL2223CJ EL2223L/883B EL222 |
12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-SOIC Laser Diode Driver with Waveform Generator; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 12-Bit, 3.3V, 130MSPS, CommLinkTM High Speed D/A Converter (TSSOP); Temperature Range: -40°C to 85°C; Package: 28-TSSOP High Speed Operational Amplifier Dual, 500 MHz High Speed, Operational Amplifier
|
Elantec Semiconductor
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
FHT900-16F FHT200-16F FHT800-16F FHT1000-16F FHT13 |
Radial Leaded PPTC FHT Series: High Temperature, 125隆?C Radial Leaded PPTC FHT Series: High Temperature, 125掳C Radial Leaded PPTC FHT Series: High Temperature, 125°C
|
RFE international
|