PART |
Description |
Maker |
ERO25THD1002 EROS2THD1002 ERO-S2PHF3301 EROS2C ERO |
Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
|
Panasonic Semiconductor
|
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
AHE2805S AHE2815SF_CH-MSTR AHE2815SF_CH-SLV AHE281 |
HYBRID-HIGH RELIABILITY DC/DC CONVERTER 1-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
3N245TX 3N243 3N243R 3N243TX 3N244 3N244R 3N244TX |
High Reliability Opeically Coupled Isolators 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Reliability Opeically Coupled Isolators 高可靠性Opeically耦合隔离
|
OPTEK[OPTEK Technologies] TT electronics OPTEK Technology
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
3KASMC10AHE3/57T 3KASMC10AHE3/9AT 3KASMC36A 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) 表面贴装汽车瞬态电压抑制器(高温度稳定
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
ERA3AHD40R2V ERA2AEB57R6X ERA1AEB5761C ERA2APB5760 |
High Precision Thin Film Chip Resistors, High Reliability Type
|
Panasonic
|
RSX205L-30 RSX205L-30TE25 |
High Efficiency , High Reliability Type Schottky Barrier Diode
|
ROHM
|
RSX301L-30 |
High Efficiency , High Reliability Type Schottky Barrier Diode
|
ROHM
|