PART |
Description |
Maker |
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
CMLD6263DO |
SMD Schottky Diode Dual: High Voltage: Opposing Polarity SURFACE MOUNT PICOmini DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
HER301-T |
RECT HIGH-EFF 50V 3A DO-201AD 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Diodes, Inc.
|
SMBJ18 SMBJ120A SMBJ12A SMBJ24 SMBJ170A SMBJ150A S |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS High Speec CMOS Logic Dual Monostable Multivibrator with Reset 16-CDIP -55 to 125 CMOS 8-Bit Priority Encoder 16-SOIC -55 to 125 CMOS Dual Binary to 1-of-4 Decoder/Demultiplexer with Outputs High on Select 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 CMOS 24-Stage Frequency Divider 16-SOIC -55 to 125 CMOS Dual 64-Stage Static Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Fairchild Semiconductor Bytes Electronics Industry Public Company Limited
|
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
LRB521S-30T1 |
Surface Mount Schotty Diode SCHOTTKY BARRIER DIODE
|
乐山无线电股份有限公 LRC[Leshan Radio Company]
|
K4S643232E-TN70 K4S643232E-TE50 K4S643232E- K4S643 |
LED ORANGE DIFFUSED 2X5 RECT 200万32内存12k × 32 × 4银行同步DRAM LVTTL.3 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V) 200万32内存12k × 32 × 4银行同步DRAM LVTTL.3 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V) 200万32内存12k × 32 × 4银行同步DRAM LVTTL3.3 LED ORANGE DIFFUSED 2X5 RECT CONNECTOR ACCESSORY LED ORG/RED DIFFUSED 2X5MM RECT -2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MBRF30H100CT MBR30H100CT MBRB30H100CT MBRB30H90CT |
High-Voltage Dual Schottky Rectifiers Forward Current 30A Maximum TJ 175C Reverse Voltage 90 to 100V
|
Vishay Intertechnology,Inc. http:// ON Semiconductor VISAY[Vishay Siliconix]
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|