PART |
Description |
Maker |
GBJ1510 GBJ15005 |
Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
GBJ20005 GBJ2001 |
Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
RS1505G |
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie...
|
ISL60002BIB812 ISL60002CIH325 ISL60002CIH312 ISL60 |
Precision 1.25V & 2.50V Low Voltage FGA References(绮惧?1.25V涓?.50V浣????GA?哄?) Precision 1.25V & 2.50V Low Voltage FGA References Precision 1.25V & 2.50V Low Voltage FGA References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:6; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Precision 1.25V & 2.50V Low Voltage FGA References
|
Intersil, Corp. Intersil Corporation
|
KBJ4005 |
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnol...
|
GBU8005 GBU800511 GBU808 |
Voltage 50V ~ 1000V 8.0Amp Glass Passivited Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
GBJ35005 |
Voltage 50V ~ 1000V 35Amp Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnol...
|
KBJ10005 KBJ1001 KBJ1006 |
Voltage 50V ~ 1000V 10Amp Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnol...
|
RS602M RS605M RS601M |
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
TB8S TB2S TB10S TB4S |
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|