PART |
Description |
Maker |
HCS1005AX HCS1003AX |
Value Applying Rated Voltage
|
JL World Company Limite...
|
HCM1601X |
Value applying Rated Voltage
|
JL World Company Limite...
|
HCM1201BX HCM1212BX HCM1203BX HCM1205BX HCM1206BX |
Electro-Magnetic Sound Generators Value applying Rated Voltage
|
http:// JL World Company Limited. JL World Company Limite...
|
B82500-C-A10 B82500-C-A2 B82500-C-A8 B82500-C-A5 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS AG
|
C62122-A132-B94 B84114-D-A10 B84114-D-A110 B84114- |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
|
EPCOS[EPCOS]
|
B84110-A-A60 B84110-A B84110-A-A10 B84110-A-A20 B8 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
|
EPCOS[EPCOS]
|
B84102-K30 B84102-K40 B84102-K50 B84102-K160 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流1
|
EPCOS AG
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
B84103-S1-A60 B84103-S1-A10 B84103-S1-A30 |
Low Power Pulse Width Modulator 14-PDIP -40 to 85 Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A 单相额定电压250系统的电源线滤波器,50/60赫兹额定电流1
|
EPCOS AG
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|