PART |
Description |
Maker |
TU10P5A-CL420 |
Topstek True RMS Current Transducer Highly reliable True RMS current measurement device
|
Topstek Inc.
|
ES7 |
True RMS-to-DC Converters
|
Cyrustek corporation
|
ACA-20RM-0-AC3-RL-C ACA-20RM-0-AC4-RL-C ACA-20RM-1 |
True-RMS-AC Ammeters with Built-in CT
|
Murata Power Solutions Inc.
|
LH40 LH2040 |
True RMS AC/DC Clamp-on Multimeters
|
LEM
|
TMQ80A-CL420 TMQ100A-CL420 TMQ200A-CL420 TMQ300A-C |
Topstek True RMS Current Transducer
|
Topstek Inc.
|
R401 R101 |
GENERAL-PURPOSE LOW-COST TRUE-RMS COMPUTING SUB-SYSTEMS
|
Intronics Power, Inc.
|
DMS-40PC-1-RL-BCD-C DMS-40PC-1-RS-BCD-C DMS-40PC-2 |
4篓枚 Digit, LED Display Digital Panel Voltmeters 4? Digit, LED Display Digital Panel Voltmeters
|
Murata Power Solutions Inc. http://
|
5962-8764901ZX 5962-8764903ZX 5962-8764901YA 5962- |
True RMS-to-DC Converters Pin-Programmable Precision Voltage Reference x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Kingbright, Corp.
|
ADUM130E0BRWZ-RL ADUM130E1BRWZ ADUM130E1BRZ ADUM13 |
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
|
Analog Devices
|
BTA10-800AW BTA10-200AW BTA10-400AW BTA10-700AW BT |
TRIAC|800V V(DRM)|10A I(T)RMS|TO-220 TRIAC|200V V(DRM)|10A I(T)RMS|TO-220 TRIAC|400V V(DRM)|10A I(T)RMS|TO-220 TRIAC|700V V(DRM)|10A I(T)RMS|TO-220 Transient Voltage Suppressor Diodes 可控硅| 600V的五(DRM)的| 10A条口(T)的有效值|20
|
Volex PLC
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|