PART |
Description |
Maker |
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PQFP100 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 2.8 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 4兆位28K的36)流水线同步静态存储器
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1350G06 CY7C1350G-250BGXI CY7C1350G-250BGXC CY |
4-Mbit (128K x 36) Pipelined SRAM with NoBL⑩ Architecture 4-Mbit (128K x 36) Pipelined SRAM with NoBL?/a> Architecture 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
UPD42S16100LLA-A80 UPD42S16100LG3-A80-7JD UPD42S17 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM 18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 9-Mbit (256K x 32) Pipelined DCD Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM x1 Fast Page Mode DRAM x1快速页面模式的DRAM
|
TOKO, Inc. EPCOS AG
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C1340A-100AC CY7C1340A-66AI CY7C1340A |
128K x 32 Synchronous-Pipelined RAM 128K X 32 STANDARD SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
CY7C1386F-167BGXC CY7C1386F-167BGXI CY7C1386F-200B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
TC55V4336FF-100 |
128K Word x 32 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?32浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|
CY7C1470V25-167AXC CY7C1470V25-167AXI CY7C1470V25- |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL垄芒 Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor
|