PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16374/D 74ALVC16374-D |
Low-Voltage 1.8/2.5/3.3 V
16-Bit D-Type Flip-Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8/2.5/3.3 V 16 Bit D-Type Flip-Flop
|
ON Semiconductor
|
74ALVC162374 74ALVC162374T 74ALVC162374TX |
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162374 6899 74VCXH162374TTR |
LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
74LCX32374 74LCX32374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs (Preliminary) From old datasheet system Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16374DT 74VCX16374DTR |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
74VCXH16374 74VCXH16374MTD |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
Fairchild Semiconductor
|
TC74VCXH162374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
|
Toshiba Semiconductor
|
74LVTH322374 74LVTH322374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25з Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16374 74VCX16374MTDX |
From old datasheet system Low Voltage 16-Bit D-Type Flip-Flops
|
Fairchild
|
74LCX16374MEA 74LCX16374MTD 74LCX16374CW |
Low-Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCX16821MTDX 74VCX16821 74VCX16821MTD |
Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|