PART |
Description |
Maker |
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
P6SMBXXXAT3G P6SMBXXXAT3 P6SMB100AT3 P6SMB10AT3 P6 |
600 W Transient Voltage Suppressors 43 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W Transient Voltage Suppressors 150 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 W Transient Voltage Suppressors 100 V SMB Unidirectional; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
P6KE7.5ACOX.120 P6KE7.5COX.120 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi, Corp.
|
1SMB36A 1SMB90A 1SMB64A 1SMB8.0A |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MOTOROLA INC
|
LVB14A-E3/52 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
VISHAY SEMICONDUCTORS
|
SMA6J6.5A-E3/5A |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
VISHAY SEMICONDUCTORS
|
|