PART |
Description |
Maker |
RIF-0-OPT-24DC |
Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
|
PHOENIX CONTACT
|
53246 |
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
TSS8J47S TSS8G47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|
HSR412 HSR412L HSR312L HSR312 HSR412LSR2 HSR312S H |
Optically Coupled Solid State Relay PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
SC862910 |
Power Solid State Relay
|
celduc-relais
|
SO941460 |
Power Solid State Relay
|
celduc-relais
|