PART |
Description |
Maker |
MPXV2010DP MPXV2010GP MPX2010 MPX2010D MPX2010DP M |
Compensated Pressure Sensor 10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
RMOB001AFMH RMOP015AFMP RMOB001AFMP RMOB001AFD RMO |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
PMOH004 |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
HDOB001DY8H HDOB002DY8H HDOB001DY8P HDOB002DY8P HD |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
RLOH001D RLOH005D RLOH010D RLOH020D RLOH030D |
Precision compensated low pressure sensors
|
Sensortechnics GmbH
|
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
UPD78F9177YGB-8ES UPD78F9177GB-8ES |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 Force/Pressure transducer; Compensated; Pressure Range: 0 to 15 psi 8位单片机
|
NEC, Corp. NEC Corp.
|
MPX2200GVP MPX2200 MPX2200A MPX2200A_D MPX2200AP M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, BARREL, THROUGH HOLE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
HDOM500H HDOM500P HDOB001AH HDOB001AP |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
MPXV7002GP MPXV7002 MPXV7002DP MPXV7002GC6T1 MPXV7 |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -.29-0.29Psi, 6.25%, 2.50-4.50V, SQUARE, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
PIC16F76TI_PT PIC16F74TI_SO PIC16LF76I_L PIC16LF76 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 28/40-pin, 8-bit CMOS FLASH Microcontrollers 28/40-pin位CMOS闪存微控制器 BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 28/40-pin / 8-bit CMOS FLASH Microcontrollers Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 1/4-18 NPT, 10 Vdc excitation Triple 2-Input XOR/XNOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, Cell with body o-ring, 10 Vdc excitation Triple 4-3-3-Input NOR Gate; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 7/16 UNF, 10 Vdc excitation BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|