PART |
Description |
Maker |
QEB125-24S05 QEB125-24S12 QEB125-24S15 QEB125-24S3 |
125 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
FED20-24S2P5 FED20-12D12 FED20-12D15 FED20-12S05 F |
20 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
TEN06-05D12 TEN06-05S05 TEN06-05S12 TEN06-05S33 TE |
6 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
TEM03-05D12 TEM03-05S05 TEM03-05S12 TEM03-05S33 TE |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
PDL03-12S05W PDL03-48S12W PDL03-48S15W PDL03-12D05 |
3 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
QEB100-24S05 QEB100-24S12 QEB100-24S15 QEB100-24S3 |
100 WATTS MAXIMUM OUTPUT POWER
|
Power Mate Technology Co., LTD
|
MJW16010A |
POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
|
Motorola, Inc
|
BU323AP_D ON0233 BU323AP |
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
U309 MMBFJ304 MMBFJ305 MMBFJ310 MMBF5484 MMBF5485 |
SFET RF,VHF, UHF, Amplitiers Patch Cord; Connector Type A:Category 6 Modular Plug; Connector Type B:Category 6 Modular Plug; Cable Length:15ft; Leaded Process Compatible:No; Approval Categories:Exceeds TIA/EIA-568-B.2-1Category 6 and ISO 11801 Class E standards BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 4; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 22 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 2; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 25 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION SFET RF/VHF/ UHF/ Amplitiers SFET RFVHF UHF Amplitiers SFET RF /VHF / UHF / Amplitiers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|