PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
A9230-C |
13.56MHz Desk-Top Reader System
|
AMIC Technology
|
WWTOP60-BKC |
WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
|
Tripp Lite. All Rights ...
|
SPU50-1 SPU50-1-1 SPU50-5 |
60W Desk Top Switching Power Supplies For I.T.E.
|
Volgen Kaga Electronics Inc.
|
VE50-1500 VE50-2400 VE50-1200 |
AC-DC POWER SUPPLIES 50 WATTS DESK TOP AC ADAPTER
|
Power Systems GmbH Co.KG
|
SPU130-101 SPU130-102 SPU130-103 SPU130-104 SPU130 |
130W Desk Top Switching Power Supplies For I.T.E.
|
Volgen Kaga Electronics Inc.
|
SPU15A-111 SPU15A-110 SPU15A-101 SPU15A-105 SPU15A |
15W Desk Top Switching Power Supplies For I.T.E.
|
Volgen Kaga Electronics Inc.
|
SPU45-100 SPU45-101 SPU45-102 SPU45-103 SPU45-104 |
50W Desk Top Switching Power Supplies For I.T.E. SPU45 SERIES
|
Volgen Kaga Electronics Inc. MPS Industries, Inc.
|
LPS-100-13.5 LPS-100-7.5 LPS-100-3.3 LPS-100-12 LP |
50W Single Output Switching Power Supply 100W Single Output without PFC Function
|
XP Power Limited
|
HPU63B-108 HPU63B-109 HPU63B-106 HPU63B-105 HPU63B |
63W Desk Top Swithching Power Supplies For health Care Applications
|
MPS Industries, Inc.
|
AD8592ARM-REEL |
Single CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ...
|
Analog Devices
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|