PART |
Description |
Maker |
74ALVC132 74ALVC132M 74ALVC132MTC LVC132MTC LVC132 |
Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs From old datasheet system
|
FAIRCHILD SEMICONDUCTOR CORP
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IR21834 |
High and Low Side Driver, SoftTurn-On, Low Side Inverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package
|
International Rectifier
|
MC74HCT245ASD MC54HCT245AJ MC54_74HCT245A ON1518 M |
Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs OCTAL 3-STATE NONINVERTING BUS TRANSCELVER WLTH LSTTL COMPATIBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
MC74HCT00AD MC74HCT00AN MC54_74HCT00A MC54HCT74AJ |
Quad 2-Input NAND Gate with LSTTL-Compatible Inputs QUAD 2-INPUT NAND GATE WITH LSTTL-COMPATLBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
74VCX162240 74VCX162240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in Outputs 低电6位反向缓冲器/线,.6V耐压输入和输出和26ヘ系列中的输出电阻驱动程
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74AC245MTC 74AC245PC 74AC245SC 74AC245SJ 74ACT245M |
Octal Bidirectional Transceiver with 3-STATE Inputs/ Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs From old datasheet system 18-Bit TTL/BTL Universal Storage Transceiver 100-HLQFP 0 to 70 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC AC SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC74VCX373FT EE08793 |
From old datasheet system LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 |
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
|
ONSEMI[ON Semiconductor]
|
MAX722 MAX722CSE MAX722ESE MAX722EVKIT-SO MAX722-M |
PALMTOP COMPUTER AND LCD POWER SUPPLY REGULATORS Dual Monostable Multivibrators With Schmitt-trigger Inputs 16-CFP -55 to 125 Dual Monostable Multivibrators With Schmitt-trigger Inputs 16-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC74HCT244SD MC54_74HCT244A MC74HCT244 ON1516 MC74 |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs HCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL 3-STATE NONINVERTING BUFFER/LLNE DRLVER/LINE RECEIVER WITH LSTTL-COMPATIVLE INPUTS
|
Motorola Mobility Holdings, Inc. ON Semi Motorola, Inc
|
IR2101S IR2101SPBF IR2102S IR2101 IR2102 IR2101PBF |
High and Low Side Driver, Inverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-pin DIP package High and Low Side Driver, Inverting Inputs in a 8-pin DIP package
|
IRF[International Rectifier]
|