PART |
Description |
Maker |
LC87F1HC8A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
LC87F14C8SA |
FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F5WC8A |
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
http://
|
LC877816A |
CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F2H08A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
MX29F001TTC-90 MX29F001TTC-70 MX29F001TTC-12 MX29F |
1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 x8 Flash EEPROM x8闪存EEPROM
|
Macronix International Co., Ltd.
|
ENA0965 LC877664B LC877648B LC877696B |
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
MB81G83222-015 MB81G83222-012 |
CMOS 2×128K ×32
Synchronous GRAM(CMOS 2×128K ×32位同步图形RAM)
|
Fujitsu Limited
|