PART |
Description |
Maker |
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
74VHCT20ATTR 74VHCT20AM 74VHCT20AMTR |
AHCT/VHCT SERIES, DUAL 4-INPUT NAND GATE, PDSO14 DUAL 4-INPUT NAND GATE
|
STMICROELECTRONICS ST Microelectronics
|
74LVC2G00GT-G |
Dual 2-input NAND gate LVC/LCX/Z SERIES, DUAL 2-INPUT NAND GATE, PDSO8
|
NXP Semiconductors N.V.
|
KK74HCT20A KK74HCT20AD KK74HCT20AN |
Dual 4-Input NAND Gate High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
SL74HCT20N SL74HCT20 SL74HCT20D |
Dual 4-Input NAND Gate(High-Performance Silicon-Gate CMOS)
|
SLS[System Logic Semiconductor]
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
HCS00MS HCS00D HCS00DMSR HCS00HMSR HCS00K HCS00KMS |
NAND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic RES 1.65K-OHM 1% 0.10W 100PPM THK-FILM SMD-0603 TR-7-PA ROHS Radiation Hardened Quad 2-Input NAND Gate
|
INTERSIL[Intersil Corporation] http://
|
BCR08AS-12A-T24 BCR08AS-12 BCR08AS-12A-T14 |
8-input NAND gate Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate Triac Low Power Use
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|