PART |
Description |
Maker |
HEA-48-120130-2 HEA-48-075200-A HEA-48-180066-4 HE |
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
|
HITRON ELECTRONICS CORPORTION
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
DCHBA2-12D09H6 DCHBA2-12D05H6 |
2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
|
Wall Industries,Inc.
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
AD780CR AD780CR-REEL7 AD780BN AD780BR AD780BR-REEL |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 Replacement bulbs are sold in packs of ten; Light Type: Bulb; Rated Voltage: 220V; Style: Replacement bulbs; Volts & Watts: 220V10W; Applicable Model 2.5 V/3.0 V High Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
WM056-D5 WM063-1950-D5 WM070-1950-D5 WM4232-D5 WM0 |
Multiple Output Regulated Power Supplies
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
BSS63 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 10 Watts EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
BY298 BY299 BY296 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 40 Watts CAP.CER, 22NF, 50V, 10%, X7R, 0805 技术规格快速恢复整
|
DC Components Co., Ltd.
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|