PART |
Description |
Maker |
ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SC |
1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 31/2 Digit/ LCD/LED Display/ A/D Converters From old datasheet system 31/2 Digit LCD/LED Display A/D Converters 3 1 / 2 Digit,LCD/LED Display, A/D Converters 31/2 Digit, LCD/LED Display, A/D Converters
|
INTERSIL[Intersil Corporation]
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SMT15E SMT15E-05S2V5 SMT15E-05S3V3 |
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
|
Artesyn Technologies
|
S7AH-03A S7AH-03A150 S7AH-03A180 V7AH-03A500 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
T7-2S1212N T7-2S1215N T7-2S1205N T7-2S2405N T7-2D1 |
DC/DC CONVERTERS DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
TC7116CPL TC7116ACKW TC7116CKW TC7117AIJL TC7117A |
3-1/2 Digit Analog-to-Digital Converters with Hold The TC7116A/TC7117A are 3-1/2 digit CMOS analog-to-digital converters (ADCs)containing all the active components necessary to construct a 0.05% resolution measurement system.Seven-segment decoders, polarity and digit drivers, voltage refer
|
MICROCHIP[Microchip Technology]
|
TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2S053. |
DC/DC CONVERTERS 7-pin SIP, 2 Watt DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM... Tumbler Technologies ...
|
TC1219 TC1219ECH TC1220ECH TC1220 TC1219ECHTR TC12 |
The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input ... The TC1219/1220 are CMOS "charge-pump" voltage converters in ultra-small 6-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 2.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequenc (TC1220) Switched Capacitor Voltage Converters with Shutdown in SOT Packages (TC1219) Switched Capacitor Voltage Converters with Shutdown in SOT Packages Switched Capacitor Voltage Converters with Shutdown in SOT Packages 开关电容电压转换器与关机采用SOT封装
|
MICROCHIP[Microchip Technology] Microchip Technology, Inc.
|