PART |
Description |
Maker |
CAT4103V-GT2 |
3-Channel Constant-Current RGB LED Driver
|
ON Semiconductor
|
CAT4109 |
3-Channel Constant-Current RGB LED Driver with Individual PWM Dimming
|
ON Semiconductor
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
LB1939T |
2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
|
Sanyo Semicon Device
|
PMR400UN |
N-channel mTrenchMOS ultra low level FET Bench Power Supply; Output Voltage:32V; Output Current:3A; Calibrated:No; Line Regulation Constant Voltage:Less Than 0.1% 3 mV; Load Regulation Constant Current:Less Than 0.1% 2mA
|
NXP Semiconductors Philips Semiconductors
|
LT1769 1769I |
Constant-Current/Constant-Voltage 2ABattery Charger with Input Current Limiting From old datasheet system
|
Linear
|
LT1511CSWTRPBF |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
TSM1011 TSM1011AID TSM1011AIDT TSM1011AIST TSM1011 |
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
|
ST Microelectronics
|
TSM1011 |
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
|
STMicroelectronics
|
FAN6100MMPX |
Secondary-Side Constant Voltage and Constant Current Controller Compatible
|
ON Semiconductor
|
TSM1051CD TSM1051CDT TSM1051CLT TSM105108 |
Constant voltage and constant current controller for battery chargers and adaptors
|
STMicroelectronics
|