PART |
Description |
Maker |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
BZX384 BZX384-C4V7 BZX384-C8V2 BZX384-C5V6 BZX384- |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps BZX384 series; Voltage regulator diodes
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LT6012ACS LT6012CS LT6012IS LT6011ACDD LT6011ACS8 |
(LT6011 / LT6012) Rail-to-Rail Output Precision Op Amp Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
|
LINER[Linear Technology]
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032A |
2.7 V/ 800 uA/ 80 MHz Rail-to-Rail I/O Amplifiers 2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers Rail-to-Rail I/O Amplifiers (Single Amplifier)
|
http:// ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD8616 AD8616AR AD8616ARM AD8618AR AD8618ARU AR861 |
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier Precision 20 MHz CMOS Quad Rail-to-Rail Operational Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4511 MAX4511CPE MAX4511CSE MAX4511EPE MAX4511ES |
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Quad, Rail-to-Rail, Fault-Protected,SPST Analog Switches Quad Rail-to-Rail Fault-Protected SPST Analog Switches Quad / Rail-to-Rail / Fault-Protected / SPST Analog Switches 16-bit fixed point DSP with Flash 100-LQFP -40 to 85
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|