PART |
Description |
Maker |
310-025103-021 |
Filtered Low Noise Amplier
|
Spectrum Microwave, Inc.
|
RJ45-8N4-B RJ45-8N4-S RJ45-8N-B RJ45-8N-S RJ45-8N3 |
N Series- Low Profile Filtered Modular RJ Jack
|
Tyco Electronics
|
1N4626 1N4110 1N4620 1N4624 1N4104 1N4627 1N4099 1 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 ZFKDSA 1.5C-5.0- 6 SO BN-GN SPC 16/ 6-ST-10,16 GMSTB 2,5/ HC/ 3-GF-7.62 LOW LEVEL ZENER DIODES LOW CURRENT: 250レA - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250A - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250μA - LOW NOISE
|
Microsemi, Corp. Knox SemiconductorInc KNOX[Knox Semiconductor, Inc] KNOX[Knox Semiconductor Inc]
|
ATF-551M4 ATF-551M4-TR2 ATF-551M4-BLK ATF-551M4-TR |
ATF-551M4 · Single Voltage E-pHEMT Low Current Low Noise 24dBm OIP3 in MiniPak Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HE163 |
Medium Power Amplier
|
BOWEI Integrated Circuits CO.,LTD.
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
ISL6566CR ISL6566IR ISL6566CRZ |
Single Output LDO, 500mA, Adj. (1.3 to 6.5V), Low Noise 8-SOIC -40 to 125 Dual Low-Noise Wide-Bandwidth Precision Amplifier 8-TSSOP -40 to 85
|
Intersil Corporation
|
ISL210070712 ISL21007 ISL21007BFB812Z ISL21007BFB8 |
Precision, Low Noise FGA?Voltage References Precision, Low Noise FGA?⒅oltage References Precision, Low Noise FGA⑩Voltage References Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
MGA-683P8-BLKG MGA-683P8-TR1G |
Low Noise And High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
MMBT5088LT1 MMBT5089LT1 MMBT5088L MMBT5088LT1-D MM |
Low Noise Transistors NPN Silicon Small Signal Low Noise
|
ONSEMI[ON Semiconductor]
|
EL5134 EL5135 EL5235IS-T7 EL5235IS-T13 EL5235IS EL |
Single, 630MHz Low Noise Amplifier with Enable Dual, 630MHz, Low Noise Amplifier with Enable From old datasheet system 630MHz Gain of 5 Low Noise Amplifiers 630MHz, Gain of 5, Low Noise Amplifiers
|
INTERSIL[Intersil Corporation]
|