PART |
Description |
Maker |
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2SB1255 |
Silicon PNP Power Transistors Silicon PNP Darlington Power Transistors
|
Savantic, Inc.
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BD242 BD242C BD242A BD242B |
3 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|