PART |
Description |
Maker |
ATH030A0X3-SRPHZ ATS030A0X3-SRPHZ ATS020A0X3-SRPHZ |
4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
|
http:// Lineage Power Corporation
|
POLS30-05T POLS30-12T |
Up to 30A DC/DC Non-Isolated Open Frame Converter Single Output
|
Wall Industries,Inc.
|
ISL8225MIRZ ISL8225MEVAL3Z 108-0740-001 H2511-0100 |
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
|
Intersil Corporation
|
DR48D30 DR48D25-21 DR48A25 DR48A25-22 DR48R25 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated.
|
DSM-5-3.3-D48S DSM-2.65-3-D12 DSM-2.65-3-D12S DSM- |
Dual Output Mixed Voltage, DSM Models
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
KDZ5.6DU |
USQ PACKAGE
|
KEC(Korea Electronics)
|
KDS165U |
USQ PACKAGE
|
KEC(Korea Electronics)
|
KTK920U |
USQ PACKAGE
|
KEC(Korea Electronics)
|
GAQW3V330TST GAQW3V330 GAQW3V330EET GAQW3V330EMT G |
48V Input, 3.3VDC, 30A Output
|
GALAXY[Galaxy Power, Inc.]
|
CPS20.121 |
12V, 30A, SINGLE PHASE INPUT
|
PULS GmbH
|
ATM030A0X3-SR ATM030A0X3-SRH ATM030A0X3-SRHZ ATM03 |
2.7 - 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current
|
Lineage Power Corporation
|