PART |
Description |
Maker |
SCS120PR |
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
2SB1426Q 2SB1426R 2SD1960 2SC3801 2SD2152 2SA821SN |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1.2A I(C) | SPAK 晶体管|晶体管|叩| 25V的五(巴西)总裁| 1.2AI(丙)| SPAK TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 50MA I(C) | SPAK 晶体管|晶体管|叩| 100V的五(巴西)总裁| 50mA的一(c)| SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 200MA I(C) | SPAK TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 50MA I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 5A I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-92
|
Rohm Co., Ltd. PHOENIX CONTACT Deutschland GmbH YEONHO Electronics Co., Ltd. STMicroelectronics N.V. TE Connectivity, Ltd.
|
SL22-L |
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
|
WILLAS ELECTRONIC CORP
|
LT1807 LT6220CS5 LT6220IS5 LT6221CDD LT6221IDD LT6 |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation LINER[Linear Technology] Avago Technologies, Ltd. Linear Technology, Corp.
|
SM340FL |
Voltage 40V 3.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
OM1327STM OM1327N2M OM1327NKM OM1327NMM OM1327NTM |
Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
SR260 SR2100 SR240 SR220 |
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SR280 SR230 |
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SCD12 SCD14 |
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
2SC2223 2SC2223-T1B 2SC2223-T2B 2SC2223-L 2SC2223F |
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD 高频放大器NPN硅外延晶体管微型模具 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁| 20mA的一(c)|的SOT - 346 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 20MA I(C) | SOT-346 晶体管|晶体管|叩| 20V的五(巴西)总裁| 20mA的一(c)|的SOT - 346 Silicon transistor
|
NEC, Corp. NEC Corp. NEC[NEC]
|