PART |
Description |
Maker |
R1121 |
16 Bit RISC Micro Processor
|
RDC Semiconductor
|
R1100 |
16 Bit RISC Micro Processor
|
RDC Semiconductor
|
MPC755BZT300TD MPC745BZT350LD MPC755BZT400LD MPC74 |
32-BIT, 300 MHz, RISC PROCESSOR, PBGA360 32-BIT, 350 MHz, RISC PROCESSOR, PBGA255 32-BIT, 400 MHz, RISC PROCESSOR, PBGA360
|
MOTOROLA INC
|
IDTI9RC64T574-300DZ IDTI9RC64T574-200DZ IDTI9RC64T |
64-BIT, 300 MHz, RISC PROCESSOR, PQFP128 64-BIT, 200 MHz, RISC PROCESSOR, PQFP128 64-BIT, 333 MHz, RISC PROCESSOR, PQFP208
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IBM25PPC740L-GB300A2R IBM25PPC740L-GB350A2R IBM25P |
32-BIT, 300 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 350 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 375 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 400 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 333 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 366 MHz, RISC PROCESSOR, CBGA360
|
Electronic Theatre Controls, Inc.
|
440GX PPC440GX-3CC533S PPC440GX-3CF533C PPC440GX-3 |
Power PC 440GX Embedded Processor 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 800 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 667 MHz, RISC PROCESSOR, PBGA552
|
Applied Micro Circuits Corp. Applied Micro Circuits, Corp. APPLIEDMICRO INC
|
HD6417750RBP240V HD6417750SVF133V |
32-BIT, 240 MHz, RISC PROCESSOR, PBGA256 BGA-256 32-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
|
XPC604CIP266D PPC604CIP266D MPC604CIP266D MPC604FI |
32-BIT, 266 MHz, RISC PROCESSOR, CPGA288 1.750 X 2.500 INCH, 2.54 MM PITCH, PGA-288 32-BIT, 233 MHz, RISC PROCESSOR, CPGA288 1.750 X 2.500 INCH, 2.54 MM PITCH, PGA-288 32-BIT, 300 MHz, RISC PROCESSOR, CPGA288 32-BIT, 200 MHz, RISC PROCESSOR, CPGA288
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
TSPC603PMAB/C6LE TSXPC603PMGB/C6ME TSXPC603PMGB/C6 |
32-BIT, 166 MHz, RISC PROCESSOR, CQFP240 CERQUAD-240 32-BIT, 166 MHz, RISC PROCESSOR, CBGA255 CBGA-255 32-BIT, 200 MHz, RISC PROCESSOR, CQFP240 CERQUAD-240
|
Ironwood Electronics Unisonic Technologies Co., Ltd.
|
IXP46X IXP45X EWIXP455BAC EWIXP465BAD EWIXP465BAE |
Product Line of Network Processors 32-BIT, 400 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544 Intel® IXP465 Network Processor, 533 MHz, Commercial Temp 32-BIT, 533 MHz, RISC PROCESSOR, PBGA544 Intel® IXP465 Network Processor, 667 MHz, Commercial Temp 32-BIT, 667 MHz, RISC PROCESSOR, PBGA544 Intel® IXP465 Network Processor, 533 MHz, Extended Temp 32-BIT, 533 MHz, RISC PROCESSOR, PBGA544 Intel® IXP455 Network Processor, 266 MHz, Commercial Temp 32-BIT, 266 MHz, RISC PROCESSOR, PBGA544 Intel® IXP455 Network Processor, 533 MHz, Commercial Temp 32-BIT, 533 MHz, RISC PROCESSOR, PBGA544 32-BIT, 33.33 MHz, RISC PROCESSOR, PBGA544 LEAD FREE, PLASTIC, BGA-544
|
Intel Corporation Intel, Corp.
|
|