PART |
Description |
Maker |
D-XNS-2W |
FIXED INPUT,ISOLATED&UNREGULATED Twin Output DCㄍDC Converter
|
Microdc power Technolog...
|
TPD050503D-2W TPD241212S-2W TPD240909S-2W TPD24151 |
2W 3KVDC Isolated Twin Output DC/DC Converters
|
Toppower Electronic Tec...
|
TPD050503D-W5 TPD-W5 |
0.5W Isolated Twin Output DC/DC Converters
|
Toppower Electronic Tec...
|
VRPB-15E VRPB-15E33L |
NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 非隔离式DC / DC转换.5 13.2 V输入0.9 V 5.0V/15 A输出 NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output 1-OUTPUT 48.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
NMA0512D NMA0512S NMA0515D NMA0515S NMA1212D NMA12 |
Isolated 1W Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS 隔震1W的双输出DC - DC变换
|
C&D TECHNOLOGIES INC Electronic Theatre Controls, Inc. CANDD[C&D Technologies] ETC[ETC] List of Unclassifed Manufacturers
|
P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
RP05-4833SF RP05-1205DF RP05-1205SF RP05-1212DF RP |
5W DC/DC converter with 36-75V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 12/4700mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 33/1000mA output, 2kV isolated 5W DC/DC converter with 36-75V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 18-36V input, 5/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 15/400mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 3.3/1000mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 12/470mA output, 2kV isolated 5W DC/DC converter with 9-18V input, 5/1000mA output, 2kV isolated POWERLINE - DC/DC - CONVERTER 电力直流/直流-转炉
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH Shindengen Electric Manufacturing Co., Ltd.
|
D050505NS-1W D120909ND-1W D120909NS-1W D051212NS-1 |
TWIN OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd. http://
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
WRD120505S-1W WRD120505S-2W WRD051212S-1W WRD12121 |
TWIN OUTPUT SIP DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|