PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BAY8012 BAY80-TAP |
Small Signal Switching Diode, High Voltage DIODE 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Signal Diode
|
Vishay Siliconix Vishay Semiconductors
|
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
SB01-05Q SB01-05Q-E |
0.1 A, 50 V, SILICON, SIGNAL DIODE 50V, 100mA Rectifier Shottky Barrier Diode Small signal(single type) DIODE SCHOTTKY 50V 0.1A 3MCP
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
DTC143TUA |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BAT64-04W BAT64-05W BAT64-06W AT64-04W-TP |
Small Signal Schottky Diode 0.25 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
1N4148PA |
small signal diode 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35
|
Fairchild Semiconductor, Corp.
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
|