PART |
Description |
Maker |
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
BDCA-10-25 |
Bi-Directional Coupler 800 MHz - 2500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX
|
ETC Mini-Circuits
|
ZFDC-10-5 |
Directional Coupler 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Mini-Circuits
|
2450CP14A100 2450CP14A100S/PB |
2450 MHz Directional Coupler 2400 MHz - 2500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.74 dB INSERTION LOSS-MAX
|
Johanson Technology Inc.
|
ADC-15-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
BDCA1-10-40 |
Surface Mount Bi-Directional Coupler High Power, 50з 1600 to 4000 MHz 1600 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX Surface Mount Bi-Directional Coupler High Power, 50 1600 to 4000 MHz Surface Mount Bi-Directional Coupler High Power/ 50 1600 to 4000 MHz
|
MINI[Mini-Circuits]
|
LRDC-10-2W-75J |
Directional Coupler 75楼? 30 to 1200 MHz Directional Coupler 75Ω 30 to 1200 MHz
|
Mini-Circuits
|
SYD-20-33 |
Directional Coupler 50楼? 30 to 3000 MHz Directional Coupler 50Ω 30 to 3000 MHz
|
Mini-Circuits
|