PART |
Description |
Maker |
DBB04 DBB04C |
Diffused Junction Silicon Diode 0.4A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
2KBP06M 2KBP01M 2KBP005M 2KBP10M 2KBP08M 2KBP02M 2 |
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE 2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
|
http:// New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
26MT140 26MT120 36MT80 26MT80 36MT120 26MT20 36MT1 |
THREE PHASE BRIDGE Power Modules 1200V 3 Phase Bridge in a D-63 package 50V 3 Phase Bridge in a D-63 package 1600V 3 Phase Bridge in a D-63 package 1400V 3 Phase Bridge in a D-63 package 1000V 3 Phase Bridge in a D-63 package 100V 3 Phase Bridge in a D-63 package 800V 3 Phase Bridge in a D-63 package THREEPHASEBRIDGEPowerModules THREE PHASE BRIDGE Power Modules 三相桥式电源模块
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
DBL203G DBL205G DBL206G DBL207G DBL201G DBL201G11 |
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers 2 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Taiwan Semiconductor Company, Ltd
|
KBL405G KBL407G KBL401G KBL402G |
Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 4 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Taiwan Semiconductor Company, Ltd
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
RS2506M RS2507M RS2501M RS2502M RS2503M RS2504M RS |
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes) 4.3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
DB151S05 DB154S-T DB153S-T DB151S-T RECTRONLTD-DB1 |
1.5 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT, PLASTIC, DB-S, 4 PIN SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON LTD Rectron Semiconductor
|