PART |
Description |
Maker |
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7835ASZ-REEL ANALOGDEVICESINC-AD7835ASZ-REEL AD7 |
LC2MOS Quad 14-Bit DACs LC2MOS Quad 14-Bit DAC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Commercial LC MOS Quad 14-Bit DACs
|
ANALOG DEVICES INC
|
IRHG58110 IRHG53110 IRHG54110 IRHG57110 |
100V 1000kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 100V 300kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 100V 100kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036)
|
IRF[International Rectifier]
|
ADG784 ADG784BCP |
ADMC200 & ADMC201 Motion Coprocessors CMOS 3 V/5 V Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V/ Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
|
AD[Analog Devices]
|
IRHQ7214 IRHQ7214N |
250V 100kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a 28-pin LCC package 250V Quad N-Channel MOSFET in a 28-pin LCC package
|
International Rectifier
|
IRHQ93110 IRHQ93110P |
100V Quad P-Channel MOSFET in a 28-pin LCC package -100V 300kRad Hi-Rel Quad P -Channel TID Hardened MOSFET in a 28-pin LCC package
|
International Rectifier
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD746SQ/883B AD746SH AD746KN AD746AH |
Dual and Quad 25MHz, 600V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 12MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 250µA, 3MHz, 200V/µsOperational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 电压反馈运算放大
|
Analog Devices, Inc.
|
AD704JNZ AD704AR-16 AD704ARZ-16 AD704AR-16-REEL AD |
Quad Picoampere Input Current Bipolar Op Amp; Package: PDIP; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 250 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP14 Picoampere Input Current Quad Bipolar Op Amp
|
Analog Devices, Inc.
|
ADG221BCHIPS |
LC2MOS ±15 V Quad SPST Switch; Package: CHIPS OR DIE; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, UUC16
|
Analog Devices, Inc.
|
AM29C943DE AM29C941PC AM29C941DC |
100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package; Similar to IRHG6110 with optional Total Dose Rating of 300kRads 100V Quad N-Channel MOSFET in a 28-pin LCC package; Similar to IRHQ7110 with optional Total Dose Rating of 500kRads 10位D型锁存器 100V Quad P-Channel MOSFET in a 28-pin LCC package; A IRHQ9110 with Standard Packaging 10位D型锁存器
|
FCI NXP Semiconductors N.V.
|