PART |
Description |
Maker |
ADG732 ADG726BSUZ ADG732BSU-REEL ADG732BCP ADG732B |
16-/32-Channel, 4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer; Package: TQFP (7x7mm); No of Pins: 48; Temperature Range: Industrial 32-CHANNEL, SGL ENDED MULTIPLEXER, PQFP48 16-/32- Channel, 3.5 O 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 16-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQFP48 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, .5 V, Analog Multiplexer 16-/32- Channel, 3.5 ohms 1.8 V to 5.5 V, .5 V, Analog Multiplexer
|
Analog Devices, Inc.
|
NLAS4053DTR2 NLAS4053D NLAS4053DR2 NLAS4053DT NLAS |
Triple 2:1 Analog Switch - Multiplexer Analog Multiplexer/ Demultiplexer Triple 2:1 Analog Switch-Multiplexer Improved Process, Sub-Micron Silicon Gate CMOS
|
ON Semiconductor
|
AT27C516 AT27C516-10 AT27C516-10JC AT27C516-10JI A |
Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 32K X 16 OTPROM, 45 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 32K X 16 OTPROM, 55 ns, PQCC44 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 32K X 16 OTPROM, 55 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-PDIP -40 to 85 12k 32K的16检察官办公室的CMOS存储 512K 32K x 16 OTP CMOS EPROM 32K X 16 OTPROM, 85 ns, PQCC44 ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SO -40 to 85
|
Cypress Semiconductor, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ADG508ABCHIPS ADG508AKRZ ADG509AKPZ ADG509AKRZ ADG |
CMOS 8-Channel Analog Multiplexer; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Industrial 8-CHANNEL, SGL ENDED MULTIPLEXER, UUC16 CMOS 4-/8-Channel Analog Multiplexers 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC20 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
MAX328 MAX328CEE MAX328CJE MAX328CPE MAX328CSE MAX |
Ultra-Low Leakage Monolithic CMOS Analog Multiplexers 8-Channel Analog Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADG608 ADG609 ADG609BCHIPS ADG609BR ADG609BRU ADG6 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers 3 V/5 V/ 4/8 Channel High Performance Analog Multiplexers LC2MOS ?5V 8-Channel High Performance Analog Multiplexer LC2MOS, ?5 V, 4-Channel High Performance Analog Multiplexer LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
TC74VHC4051AFK12 TC74VHC4051AFT12 TC74VHC4051AF12 |
8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
|
Toshiba Semiconductor
|
HCF4067 HCF4067M013TR HCF4067BM1 |
ANALOG MULTIPLEXER/DEMULTIPLEXER ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER
|
STMicroelectronics
|
HD74LV2GT53AUSE HD74LV2GT53A |
2-channel Analog Multiplexer / Demultiplexer 2?hannel Analog Multiplexer / Demultiplexer
|
RENESAS[Renesas Electronics Corporation]
|
HCF4097M013TR |
ANALOG MULTIPLEXER/DEMULTIPLEXER ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
|
ST Microelectronics STMicroelectronics
|