PART |
Description |
Maker |
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
S5JLM2931 |
100mA CMOS Low Dropout Adjustable Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
LT1085CT-12 LT1085CT-3.3 LT1085CT-3.6 LT1085CT-5 L |
TV 128C 128#22D SKT PLUG 3A/ 5A/ 7.5A Low Dropout Positive Fixed Regulators From old datasheet system TV 37C 37#16 PIN PLUG 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 TV 30C 30MIX SKT PLUG RECP IC-VOLTAGE REGULATOR 12V
|
Seme LAB LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LT1529 LT1529-3.3 LT1529-5 LT1529CQ LT1529CQ-3.3 L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PZFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 CONNECTOR ACCESSORY 3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|