PART |
Description |
Maker |
F75384M F75384S F75383M F75383S |
隆戮1oC Accuracy Temperature Sensor IC Datasheet ±1oC Accuracy Temperature Sensor IC Datasheet
|
Feature Integration Technology Inc.
|
F75387 F75387RG F75387SG |
隆戮1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control ±1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
|
Feature Integration Technology Inc.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
MPXH6250A09 |
High Temperature Accuracy Integrated Silicon Pressure Sensor
|
Freescale Semiconductor, Inc
|
MCP9800 |
(MCP9800 - MCP9803) 2-Wire High-Accuracy Temperature Sensor
|
Microchip Technology
|
NCT203 |
Low Voltage, High Accuracy Temperature Monitor with I2C Interface
|
ON Semiconductor
|
SE95 SE95D SE95DP |
Ultra high accuracy digital temperature sensor and thermal watchdog
|
NXP Semiconductors
|
MPXH6250A6T1 MPXH6250AC6U MPXH6250A MPXH6250A6U MP |
HITEMP ACCURACY INTEGRATED SILICON PRESSURE SENSOR HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
|
MOTOROLA[Motorola, Inc] Motorola Inc
|
PCT2075 |
I2C-bus Fm , 1 degree C accuracy, digital temperature sensor and thermal watchdog
|
NXP Semiconductors N.V.
|