PART |
Description |
Maker |
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT49SV802A-90TI AT49SV802A-90CU |
8-megabit 1.8-volt Only Flash Memory 8兆位1.8伏,只有闪存 8-megabit 1.8-volt Only Flash Memory 512K X 16 FLASH 1.8V PROM, 90 ns, PBGA48
|
Atmel, Corp. ATMEL Corporation
|
EN25LF40 |
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
|
Eon Silicon Solution Inc.
|
EN25Q32B EN25Q32B-104BBIP EN25Q32B-104FIP EN25Q32B |
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
|
Eon Silicon Solution Inc.
|
EN25LF10-75WIP EN25LF1011 |
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
|
Eon Silicon Solution Inc. Eon Silicon Solution In...
|
EN25LF20-42GIP EN25LF20-42WIP EN25LF201 |
2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
|
Eon Silicon Solution Inc. Eon Silicon Solution In...
|
EN25LF40-75GI EN25LF40-75GIP EN25LF40-75HI EN25LF4 |
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
|
Eon Silicon Solution Inc.
|
EN25S20-75XIP EN25S20-75GIP |
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
|
Eon Silicon Solution Inc.
|
EN25QH64 |
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
|
Eon Silicon Solution In...
|