PART |
Description |
Maker |
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
TP1124 TP1126 TP1125 TP1122 TP1123 TP1101 TP1102 T |
(TP1101 - TP1108) Single/Dual and Triple Output DC-DC Converters 25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS CONNECTOR ACCESSORY 连接器附
|
List of Unclassifed Manufacturers Total Power International ETC[ETC] Electronic Theatre Controls, Inc.
|
PC3-5-5 PC3-12-3.3 PC3-5-3.3 PC3-5-12 PC1R5-24-5 P |
Single output DC-DC converter 1.5W ~ 6W Single Dual output DC-DC converter 1.5W ~ 25W Single/ Dual output DC-DC converter 1.5W ~ 25W LED Panel Indicator; LED Color:Green; Luminous Intensity:300foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No OSC 5V 8PIN CMOS Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 MICRO 31 P 30" RBW JACKS 单,双输出DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换1.5W6W Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换.5W6W Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 MICRO 31 PIN 36" RBW
|
LAMBDA[DENSEI-LAMBDA] Struthers-Dunn Advanced Analogic Technologies, Inc. Ecliptek, Corp. NXP Semiconductors N.V. Micrel Semiconductor, Inc. TE Connectivity, Ltd.
|
REC15-1205SRWZ REC15-483.3SRW REC15-483.3SRWH REC1 |
15 Watt 1?x 2?Single & Dual Output 15 Watt 1” x 2” Single & Dual Output 15 Watt 1x 2Single & Dual Output 15 Watt 1x 2Single & Dual Output 15瓦特1“2”单 15 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RJZ-3.33.3SHP RJZ-123.3S RJZ-053.3D RJZ-053.3DH RJ |
2 Watt DIP14 Single & Dual Output 2瓦特DIP14 2 Watt DIP14 Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|