PART |
Description |
Maker |
AIC1734-18 AIC1734-33 AIC1734-18CUTR AIC1734-20CUT |
300mA Low Dropout Linear Regulator CAP, ELEC, 330UF, 50V 300mA低压差线性稳压器 300mA Low Dropout Linear Regulator 300mA低压差线性稳压器 DIODE STD REC 1600V 85A DO-5
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Intergrations Co...
|
AIC1731 AIC1731-33PVTR AIC1731-15CVBG AIC1731-15CV |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 300mA, Low Dropout Linear Regulator with Shutdown
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
APE8800A APE8800A-15Y5P APE8800A-18Y5P APE8800A-25 |
300mA Low Dropout Linear Regulator with Shutdown
|
Advanced Power Electronics Corp.
|
MAX8887EZK29 MAX8887EZK29T MAX8887EZK15 MAX8887EZK |
Low-Dropout, 300mA Linear Regulators in SOT23
|
Maxim Integrated Products Maxim Integrated Produc...
|
AP130-XXYRL-13 AP130-15YR AP130-28WG-7 AP130-28WL- |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
|
Diodes Incorporated
|
MAX8887EZK15 MAX8887EZK15T MAX8887EZK18 |
Low-Dropout, 300mA Linear Regulators in SOT23
|
MAXIM - Dallas Semiconductor
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
APL5316-33BI-TRG |
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
|
Anpec Electronics Corop...
|
EUP7967A-15VIR1 EUP7967A-18VIR1 EUP7967A-12VIR1 EU |
300mA Low-Noise Low-Dropout Linear Regulator
|
德信科技股份有限公司 Eutech Microelectronics Inc
|
SGM2007-2.5 SGM2007-2.5XN5_TR SGM2007-2.7 SGM2007- |
Low Power, Low Dropout, 300mA, RF - Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|