PART |
Description |
Maker |
U9280M-H |
4-bit microcontroller plus transponder front end for combination of remote control and immobilizer function. MICROCONTROLER WITH TRANSPONDER INTERFACE
|
ATMEL[ATMEL Corporation]
|
MC33157 MC33157DW ON0976 MC33157-D |
Tag-it(TM) HF-I Plus Transponder Inlays Square 0-RFIDN -25 to 70 半桥控制器和工业线性驱动管 Tag-it(TM) HF-I Standard Transponder Inlays Square 0-RFIDN -25 to 70 From old datasheet system PIN CONNECTIONS AND Half Bridge Controller and Driver for Industrial Linear Tubes
|
ONSEMI[ON Semiconductor]
|
MC33153D MC33153P |
Tag-it(TM) HF-I Standard Transponder Inlays Large Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 2 A BUF OR INV BASED PRPHL DRVR, PDIP8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
4308RV-295XJLD 4308RV-295XJLB 4308RV-904XJLD 4308R |
RFID transponder coil, SMT, RoHS 1 ELEMENT, 2890 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 3300 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 9000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 370 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 8100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 6800 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 1970 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 2380 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
MAX4691 MAX4691EBE-T MAX4691EGE MAX4691-MAX4694 MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package " Low-Voltage, 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
PH1-7LPFA4362 PH1-7LPFC4362 PH1-FLPFC4362 PH1-MLPF |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10660Mbps(Tx), 10660Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10709Mbps(Tx), 10709Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), LC/SPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, FC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, TRANSPONDER, LC/SPC CONNECTOR
|
JDS Uniphase, Corp. JDS UNIPHASE CORP
|
4312RV-725XGLD 4312RV-245XGLB 4312RV-245XGLD 4312R |
RFID transponder coil, SMT, RoHS 1 ELEMENT, 7200 uH, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 2380 uH, GENERAL PURPOSE INDUCTOR, SMD RFID transponder coil, SMT, RoHS 1 ELEMENT, 400 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
JT6N46S |
Transponder 转发
|
Microsemi, Corp.
|
E5551A-DIT |
Transponder 转发
|
Omron Electronics, LLC
|
AS737D |
Transponder TX antenna
|
SUMIDA CORPORATION.
|
AS705B-125B AS705B-125C AS705B-134B AS705B-125A AS |
Antenna < Transponder : RF-ID [TX] >
|
Sumida Corporation
|
|