PART |
Description |
Maker |
256713 92110 256709 256708 256710 |
FLOOR STAND-BLANK FLOOR STAND-SLIPP.WHEN WET 308ksps ADC with DSP Interface and 78dB SINAD 经济FL.STAND - 2双面 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 落地支架,闲人免 Evaluation Kit for the MAX1217, MAX1218, and MAX1219 经济FL.STAND - 2双面
|
Maxim Integrated Products, Inc. Molex, Inc.
|
ALA7DA561DD400 |
ALA7D, Aluminum Electrolytic, 85C, 560 uF, 20%, 400 VDC, -40/ 85C
|
Kemet Corporation
|
ALA7DA471DD450 |
ALA7D, Aluminum Electrolytic, 85C, 470 uF, 20%, 450 VDC, -40/ 85C
|
Kemet Corporation
|
ALA7DA301CC450 |
ALA7D, Aluminum Electrolytic, 85C, 300 uF, 20%, 450 VDC, -40/ 85C
|
Kemet Corporation
|
ESK227M200AN2AA |
Aluminum Electrolytic, 85C, ESK, 220 uF, 20%, 200 V, -25/ 85C, Lead Spacing = 7.5mm
|
Kemet Corporation
|
A66-1 |
Capacitor, aluminum, 1000 uF, -10/ 30% Tol, -40/ 85C, 63V@85C
|
Kemet Corporation
|
ALC10A151CB450 |
Aluminum Electrolytic, 85C, ALC10, 150 uF, 20%, 450 V, -40/ 85C
|
Kemet Corporation
|
ALS70A473QS200 |
Aluminum Electrolytic, 85C, ALS70, 0.047 F, 20%, 200 V, -40/ 85C
|
Kemet Corporation
|
EDK477M016A9MAA-17 |
Aluminum Electrolytic, 85C, EDK, 470 uF, 20%, 16 V, -40/ 85C
|
Kemet Corporation
|
ALS70A134QS100 |
Aluminum Electrolytic, 85C, ALS70, 0.13 F, 20%, 100 V, -40/ 85C
|
Kemet Corporation
|
ALS70A823DF025 |
Aluminum Electrolytic, 85C, ALS70, 0.082 F, 20%, 25 V, -40/ 85C
|
Kemet Corporation
|
EDK476M016A9DAA |
Aluminum Electrolytic, 85C, EDK, 47 uF, 20%, 16 V, -40/ 85C
|
Kemet Corporation
|
|