PART |
Description |
Maker |
TD1410C |
1.8A 380KHZ 20V PWM Buck DC/DC Converter
|
Techcode
|
TD1583 |
3A 380Khz 28V PWM Buck DC/DC Converter
|
Techcode
|
AP3203MP-G1 AP3203MPTR-G1 |
380kHz, 3A ASYNCHRONOUS DC-DC BUCK CONVERTER 380kHz, 3A Asynchronous DC - DC Buck Converter
|
Diodes BCD Semiconductor Manufacturing Limited
|
AP3202 AP3202M-G1 AP3202MTR-G1 |
380kHz, 2A Asynchronous DC-DC Buck Converter
|
Diodes BCD Semiconductor Manufacturing Limited
|
EPM5032LC-20 EPM5032LI-25 EPM5032DC-15 EPM5032DC-2 |
UV-Erasable/OTP PLD Eval Board for ISL6504 Multiple Linear Power Controller with ACPI Control Interface Eval Board for ISL6296 FlexiHash For Battery Authentication Eval Board for ISL6527A Single Synchronous Buck Pulse-Width Modulation (PWM) Controller Eval Board for ISL6520 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller UV-Erasable/OTP可编程逻辑器件 Eval Board for ISL6310 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Cypress Semiconductor, Corp.
|
ISL6439 ISL6439ACB ISL6439ACR ISL6439AEVAL1 ISL643 |
Single Sync Buck PWM Controller for Broadband Gateway Applications SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO14 Single Sync Buck PWM Controller for Broadband Gateway Applications 单同步降压PWM控制器,宽带网关应用 PWM Controller, 3.3V to 5V Input, VOUT 0.8V Min @ 1.5%, 300 or 600kHz, Gateway Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
45AZ ISL6545CBZ ISL6545IBZ |
5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller V2V同步降压脉宽调制(PWM)控制器 5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
ISL6527AIR ISL6527CB ISL6527EVA ISL6527IB ISL6527C |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller PWM Controller, External Reference, 3.3V to 5V Supply, 300 or 600kHz
|
INTERSIL[Intersil Corporation]
|
ISL6520BCB-T ISL6520BCBZ ISL6520BCBZ-T ISL6520BCR |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/SD Pin (Shutdown) Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
5962-9060401DX 5962-9060404CX 5962-9060401CX 5962- |
1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators 14-Bit, 85ksps ADC with 10µA Shutdown Voltage-Feedback Operational Amplifier 电压反馈运算放大 Low-Cost, High-Frequency, Current-Mode PWM Buck Controllers 电压反馈运算放大
|
Vishay Intertechnology, Inc. HIROSE ELECTRIC Co., Ltd.
|
MIC2202YML MIC2202 MIC2202BML MIC2202BMM MIC2202YM |
High Efficiency 2MHz Synchronous Buck Converter 1µF Stable PWM Regulator HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR 2.5 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10
|
Micrel Semiconductor, Inc.
|