PART |
Description |
Maker |
MDA6441C MDA6141C MDA6941C MDA6341C |
0.54 INCH (13.8MM) 14 SEGMENT, DUAL DIGIT ALPAH - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGMENT, DUAL DIGIT ALPH - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGEMENT DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGEMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 14 SEG ALPHANUMERIC DISPLAY, GREEN, 13.72 mm 0.54 INCH (13.8MM) 14 SEGEMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 14 SEG ALPHANUMERIC DISPLAY, YELLOW, 13.72 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
PDC54-12SRWA |
13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSA23-11YWA |
56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PDA54-12GWA |
13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSC23-11GWA |
56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
5082-7650 5082-7650-DD000 5082-7650-DE000 HDSP-360 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays(7.6 mm (0.3 英寸)/10.9 mm (0.43英寸) 七段显示 7.6 mm (0.3 inch) Overflow Character Displays 10.9mm(0.43inch)SevenSegmentDisplays
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display 7.6毫米.3英寸10.9毫米.43英寸),七段显示
|
Agilent(Hewlett-Packard) Bivar, Inc.
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
MAN6610 MAN6650 MAN6640 MAN6660 MAN6675 MAN6695 MA |
0.560-INCH SEVEN SEGMENT DISPLAYS 0.560英寸七段显示模块 0.560-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, ORANGE, 14.224 mm
|
QT[QT Optoelectronics]
|
HDSP-515H-GH000 HDSP-315Y HDSP-515L-FG000 HDSP-316 |
Low Current Seven Segment Displays 10 mm (0.4 inch) Seven Segment Displays 7 SEG NUMERIC DISPLAY, HIGH EFFICIENCY RED, 10 mm
|
AGILENT TECHNOLOGIES INC
|
LTS-3401LG LTS3401LG |
The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LG is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|